Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download 2N4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED INFORMATION
ADVANCED INFORMATION
2N4401
SMALL SIGNAL TRANSISTORS (NPN)
TO-92
0.181 (4.6) min. 0.492 (12.5) 0.181 (4.6) 0.142 (3.6)
FEATURES
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications. As complementary type, the PNP transistor 2N4403 is recommended. On special request, this transistor is also manufactured in the pin configuration TO-18. This transistor is also available in the SOT-23 case with the type designation MMBT4401
max. AE 0.022 (0.55) 0.098 (2.5)
E
C
B
MECHANICAL DATA
Case: TO-92 Plastic Package Weight: approx. 0.18g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Power Dissipation at TA=25C Derate above 25C Power Dissipation at TC=25C Derate above 25C Thermal Resistance, Junction to Ambient Air Thermal Resistance Junction to Case Junction Temperature Storage Temperature Range
VCBO VCEO VEBO IC Ptot
60 40 6.0 600 625 5.0 1.5 12 200 83.3 150 55 to +150
Volts Volts Volts mA mW mW/C W mW/C C/W C/W C C
Ptot RQJA RQJC Tj TS
2/17/99
2N4401
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified SYMBOL MIN. MAX. UNIT
Collector-Base Breakdown Voltage at IC = 0.1 mA, IE = 0 Collector-Emitter Breakdown Voltage(1) at IC = 1 mA, IB = 0 Emitter-Base Breakdown Voltage at IE = 0.1 mA, IC = 0 Collector-Emitter Saturation Voltage(1) at IC = 150 mA, IB = 15 mA at IC = 500 mA, IB = 50 mA Base-Emitter Saturation Voltage(1) at IC = 150 mA, IB = 15 mA at IC = 500 mA, IB = 50 mA Collector Cutoff Current at VEB = 0.4 V, VCE = 35 V Base Cutoff Current at VEB = 0.4 V, VCE = 35 V DC Current Gain at VCE = 1 V, IC = at VCE = 1 V, IC = at VCE = 1 V, IC = at VCE = 1 V, IC = at VCE = 2 V, IC = 0.1 mA 1 mA 10 mA 150 mA(1) 500 mA(1)
V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VCEsat VBEsat VBEsat ICEX IBEV
60 40 6.0 0.75
0.40 0.75 0.95 1.20 100 100
Volts Volts Volts Volts Volts Volts Volts nA nA
hFE hFE hFE hFE hFE hie hre fT CCBO CEBO
20 40 80 100 40 1.0 0.1 10-4 250
300 15 8 10-4 6.5 30
kW MHz pF pF
Input Impedance at VCE = 10 V, IC = 1 mA, f = 1 kHz Voltage Feedback Ratio at VCE = 10 V, IC = 1 mA, f = 1 kHz Current Gain-Bandwidth Product at VCE = 10 V, IC = 20 mA, f = 100 MHz Collector-Base Capacitance at VCB = 5 V, IE=0, f=1.0 MHZ Emitter-Base Capacitance at VEB = 0.5 V, IC=0, f=1.0 MHZ
NOTES (1) Pulse test: Pulse width 300ms - Duty cycle 2%
2N4401
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified SYMBOL MIN. MAX. UNIT
Small Signal Current Gain at VCE = 10 V, IC = 1 mA, f = 1 kHz Output Admittance at VCE = 10 V, IC = 1 mA, f = 1 kHz Delay Time (see fig. 1) at IC = 150 mA, IB1 = 15 mA, VCC=30V, VBE=2.0V Rise Time (see fig. 1) at IC = 150 mA, IB1 = 15 mA, VCC=30V, VBE=2.0V Storage Time (see fig. 2) at IB1 = IB2 = 15 mA, VCC=30V, IC=150mA Fall Time (see fig. 2) at IB1 = IB2 = 15 mA, VCC=30V, IC=150mA
hfe hoe td tr ts tf
40 1.0
500 30 15 20 225 30
mS ns ns ns ns
SWITCHING TIME EQUIVALENT TEST CIRCUIT
FIGURE 1 - TURN-ON TIME FIGURE 2 - TURN-OFF TIME
1.0 to 100 ms, DUTY CYCLE A 2% +16 V 0 -2 V < 2 ns 1kW
+30V 200W +16 V 0 C S* < 10 pF Scope rise time < 4ns *Total shunt capacitance of test jig, connectors and oscilloscope -14 V
1.0 to 100 ms, DUTY CYCLE A 2%
+30V 200W
1kW < 20 ns -4 V
C S* < 10 pF


▲Up To Search▲   

 
Price & Availability of 2N4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X